Part Number Hot Search : 
1N474 7N60K 62LV256 03203 IDT74 MX315 MA4ST554 EG21SR
Product Description
Full Text Search
 

To Download TDA1085 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by TDA1085C/D
TDA1085C Universal Motor Speed Controller
The TDA1085C is a phase angle triac controller having all the necessary functions for universal motor speed control in washing machines. It operates in closed loop configuration and provides two ramp possibilities. * On-Chip Frequency to Voltage Converter
UNIVERSAL MOTOR SPEED CONTROLLER
SEMICONDUCTOR TECHNICAL DATA
* * * * * *
On-Chip Ramps Generator Soft-Start Load Current Limitation Tachogenerator Circuit Sensing Direct Supply from AC Line Security Functions Peformed by Monitor
16 1
16 1
PLASTIC PACKAGE CASE 648
D SUFFIX PLASTIC PACKAGE CASE 751B (SO-16)
ORDERING INFORMATION
Device TDA1085CD TDA1085C Operating Temperature Range TJ = - 10 to +120C Package SO-16 Plastic DIP
Figure 1. Representative Block Diagram and Pin Connections
+ VCC Shunt Regulator Ballast Resistor
9 10 8
Voltage Reg
Monitoring Reset
Speed Detector Ramp Generator
- + Control Amp.
Trigger Pulse Gen.
0.7 V
=
Current Limiter
12 11 4 5 6 3
-VCC
7 16 14 15 2 1 13
Digital Speed Sense
F/VC Pump Capacitor
Ramp Gen. Timing
Actual Speed Set Speed
Sawtooth Capacitor
Ramp Current Gen. Control
Sawtooth Set Current
Voltage Synchronization
Current Synchronization
Motor Current Limit
Closed Loop Stability
(c) Motorola, Inc. 1996
Trigger Pulse Output
Rev 5
MOTOROLA ANALOG IC DEVICE DATA
1
TDA1085C
MAXIMUM RATINGS (TA = 25C, voltages are referenced to Pin 8, ground)
Rating Power Supply, when externally regulated, VPin 9 Maximum Voltage per listed pin Pin 3 Pin 4-5-6-7-13-14-16 Pin 10 Maximum Current per listed pin Pin 1 and 2 Pin 3 Pin 9 (VCC) Pin 10 shunt regulator Pin 12 Pin 13 Maximum Power Dissipation Thermal Resistance, Junction-to-Air Operating Junction Temperature Storage Temperature Range Symbol VCC VPin + 5.0 0 to + VCC 0 to + 17 IPin - 3.0 to + 3.0 - 1.0 to + 0 15 35 - 1.0 to + 1.0 - 200 PD RJA TJ Tstg 1.0 65 - 10 to + 120 - 55 to + 150 W C/W C C mA Value 15 Unit V V
ELECTRICAL CHARACTERISTICS (TA = 25C)
Characteristic VOLTAGE REGULATOR Internally Regulated Voltage (VPin 9) (IPin 7 = 0, IPin 9 + IPin 10 = 15 mA, IPin 13 = 0) VCC Temperature Factor Current Consumption (IPin 9) (V9 = 15 V, V12 = V8 = 0, I1 = I2 = 100 A, all other pins not connected) VCC Monitoring Enable Level VCC Monitoring Disable Level RAMP GENERATOR Reference Speed Input Voltage Range Reference Input Bias Current Ramp Selection Input Bias Current Distribution Starting Level Range Distribution Final Level VPin 6 = 0.75 V High Acceleration Charging Current VPin 7 = 0 V VPin 7 = 10 V Distribution Charging Current VPin 7 = 2.0 V VPin 5 - IPin 5 - IPin 6 VDS VDF/VDS - IPin 7 1.0 1.0 - IPin 7 4.0 -- 1.2 5.0 1.7 1.4 6.0 A 0.08 0 0 0 2.0 -- 0.8 -- -- 2.09 13.5 1.0 1.0 2.0 2.2 mA V A A V VCC TF ICC 15 -- -- 15.3 - 100 4.5 15.6 -- 6.0 V ppm/C mA Symbol Min Typ Max Unit
VCC EN VCC DIS
-- --
VCC - 0.4 VCC - 1.0
-- --
V
2
MOTOROLA ANALOG IC DEVICE DATA
TDA1085C
ELECTRICAL CHARACTERISTICS (continued)
Characteristic CURRENT LIMITER Limiter Current Gain -- IPin 7/IPin 3 (IPin3 = - 300 A) Detection Threshold Voltage IPin 3 = - 10 A FREQUENCY TO VOLTAGE CONVERTER Input Signal "Low Voltage" Input Signal "High Voltage" Monitoring Reset Voltage Negative Clamping Voltage IPin 12 = - 200 A Input Bias Current Internal Current Source Gain I Pin 4 , V V G Pin 4 Pin 11 I Pin 11 V12 L V12 H V12 R - V12 CL - IPin12 -100 +100 5.0 -- -- 9.5 -- -- -- 0.6 25 -- -- -- -- -- -- 11 mV mV V V A Cg VPin 3 TH 130 50 180 65 250 80 mV Symbol Min Typ Max Unit
+
+
+0
G.0
Gain Linearity versus Voltage on Pin 4 (G8.6 = Gain for VPin 4 = 8.6 V) V4 = 0 V V4 = 4.3 V V4 = 12 V Gain Temperature Effect (VPin 4 = 0) Output Leakage Current (IPin 11 = 0) CONTROL AMPLIFIER Actual Speed Input Voltage Range Input Offset Voltage VPin 5 - VPin 4 (IPin 16 = 0, VPin 16 = 3.0 and 8.0 V) Amplifier Transconductance (IPin 16/ (V5 - V4) (IPin 16 = + and - 50 A, VPin 16 = 3.0 V) Output Current Swing Capability Source Sink Output Saturation Voltage TRIGGER PULSE GENERATOR Synchronization Level Currents Voltage Line Sensing Triac Sensing Trigger Pulse Duration (CPin 14 = 47 nF, RPin 15 = 270 k) Trigger Pulse Repetition Period, conditions as a.m. Output Pulse Current VPin 13 = VCC - 4.0 V Output Leakage Current VPin 13 = - 3.0 V Full Angle Conduction Input Voltage Saw Tooth "High" Level Voltage Saw Tooth Discharge Current, IPin15 = 100 A
G/G8.6 1.04 1.015 0.965 TF - IPin 4 -- 0 1.05 1.025 0.975 350 -- 1.06 1.035 0.985 -- 100 ppm/C nA
VPin 4 Voff T
0 0 270
-- -- 340
13.5 50 400
V mV A/V
IPin 16 - 200 50 V16 sat -- - 100 100 -- - 50 200 0.8
A
V A
IPin 2 IPin 1 Tp TR - IPin 13 I13 L V14 V14 H IPin 14
-- -- -- -- 180 -- -- 12 95
50 50 55 220 192 -- 11.7 -- --
100 100 -- -- -- 30 -- 12.7 105
s s mA A V V A
MOTOROLA ANALOG IC DEVICE DATA
3
TDA1085C
GENERAL DESCRIPTION
The TDA 1085C triggers a triac accordingly to the speed regulation requirements. Motor speed is digitally sensed by a tachogenerator and then converted into an analog voltage. The speed set is externally fixed and is applied to the internal linear regulation input after having been submitted to programmable acceleration ramps. The overall result consists in a full motor speed range with two acceleration ramps which allow efficient washing machine control (Distribute function). Additionally, the TDA 1085C protects the whole system against AC line stop or variations, overcurrent in the motor and tachogenerator failure.
INPUT/OUTPUT FUNCTIONS (Refer to Figures 1 and 8)
Voltage Regulator - (Pins 9 and 10) This is a parallel type regulator able to sink a large amount of current and offering good characteristics. Current flow is provided from AC line by external dropping resistors R1, R2, and rectifier: This half wave current is used to feed a smoothering capacitor, the voltage of which is checked by the IC. When VCC is reached, the excess of current is derived by another dropping resistor R10 and by Pin 10. These three resistors must be determined in order: Ramp Generator - (Pins 5, 6, 7) The true Set Speed value taken in consideration by the regulation is the output of the ramp generator (Pin 7). With a given value of speed set input (Pin 5), the ramp generator charges an external capacitor CPin 7 up to the moment VPin 5 (set speed) equals VPin 4 (true speed), see Figure 2. The IC has an internal charging current source of 1.2mA and delivers it from 0 to 12 V at Pin 7. It is the high acceleration ramp (5.0 s typical) which allows rapid motor speed changes without excessive strains on the mechanics. In addition, the TDA 1085C offers the possibility to break this high acceleration with the introduction of a low acceleration ramp (called Distribution) by reducing the Pin 7 source current down to 5.0 A under Pin 6 full control, as shown by following conditions:
* * *
To let 1.0 mA flow through Pin 10 when AC line is minimum and VCC consumption is maximum (fast ramps and pulses present). To let V10 reach 3.0 V when AC line provides maximum current and VCC consumption is minimum (no ramps and no pulses). All along the main line cycle, the Pin 10 dynamic range must not be exceeded unless loss of regulation.
* *
Presence of high acceleration ramp VPin 5 > VPin 4 Distribution occurs in the VPin 4 range (true motor speed) defined by VPin 6 VPin 4 2.0 VPin 6
x
x
An AC line supply failure would cause shut down. The double capacitive filter built with R1 and R2 gives an efficient VCC smoothing and helps to remove noise from set speeds. Speed Sensing - (Pins 4, 11, 12) The IC is compatible with an external analog speed sensing: its output must be applied to Pin 4, and Pin 12 connected to Pin 8. In most of the applications it is more convenient to use a digital speed sensing with an unexpensive tachogenerator which doesnt need any tuning. During every positive cycle at Pin 12, the capacitor C Pin 11 is charged to almost V CC and during this time, Pin 4 delivers a current which is 10 times the one charging C Pin 11 . The current source gain is called G and is tightly specified, but nevertheless requires an adjustment on R Pin 4 . The current into this resistor is proportional to C Pin 11 and to the motor speed; being filtered by a capacitor, V Pin 4 becomes smothered and represents the "true actual motor speed". To maintain linearity into the high speed range, it is important to verify that CPin 11 is fully charged: the internal source on Pin 11 has 100 K impedance. Nevertheless CPin 11 has to be as high as possible as it has a large influence on FV/C temperature factor. A 470 K resistor between Pins 11 and 9 reduces leakage currents and temperature factor as well, down to neglectable effects. Pin 12 also has a monitoring function: when its voltage is above 5.0 V, the trigger pulses are inhibited and the IC is reset. It also senses the tachogenerator continuity, and in case of any circuit aperture, it inhibits pulse, avoiding the motor to run out of control. In the TDA 1085C, Pin 12 is negatively clamped by an internal diode which removes the necessity of the external one used in the former circuit.
For two fixed values of V Pin 5 and V Pin 6 , the motor speed will have high acceleration, excluding the time for V Pin 4 to go from V Pin 6 to two times this value, high acceleration again, up to the moment the motor has reached the set speed value, at which it will stay, see Figure 3. Should a reset happen (whatever the cause would be), the above mentioned successive ramps will be fully reprocessed from 0 to the maximum speed. If VPin 6 = 0, only the high acceleration ramp occurs. To get a real zero speed position, Pin 5 has been designed in such a way that its voltage from 0 to 80 mV is interpreted as a true zero. As a consequence, when changing the speed set position, the designer must be sure that any transient zero would not occur: if any, the entire circuit will be reset. As the voltages applied by Pins 5 and 6 are derived from the internal voltage regulator supply and Pin 4 voltage is also derived from the same source, motor speed (which is determined by the ratios between above mentioned voltages) is totally independent from VCC variations and temperature factor. Control Amplifier - (Pin 16) It amplifies the difference between true speed (Pin 4) and set speed (Pin 5), through the ramp generator. Its output available at Pin 16 is a double sense current source with a maximum capability of 100 A and a specified transconductance (340 A/V typical). Pin 16 drives directly the trigger pulse generator, and must be loaded by an electrical network which compensates the mechanical characteristics of the motor and its load, in order to provide stability in any condition and shortest transient response; see Figure 4. This network must be adjusted experimentally. In case of a periodic torque variations, Pin 16 directly provides the phase angle oscillations.
4
MOTOROLA ANALOG IC DEVICE DATA
TDA1085C
Trigger Pulse Generator - (Pins 1, 2, 5, 13, 14, 15) This circuit performs four functions: Pin 13 is the pulse output and an external limiting resistor is mandatory. Maximum current capability is 200 mA. Current Limiter - (Pin 3) Safe operation of the motor and triac under all conditions is ensured by limiting the peak current. The motor current develops an alternative voltage in the shunt resistor (0.05 in Figure 4). The negative half waves are transferred to Pin 3 which is positively preset at a voltage determined by resistors R3 and R4. As motor current increases, the dynamical voltage range of Pin 3 increases and when Pin 3 becomes slightly negative in respect to Pin 8, a current starts to circulate in it. This current, amplified typically 180 times, is then used to discharge Pin 7 capacitor and, as a result, reduces firing angle down to a value where an equilibrium is reached. The choice of resistors R3, R4 and shunt determines the magnitude of the discharge current signals on CPin 7. Notice that the current limiter acts only on peak triac current.
* * * *
The conversion of the control amplifier DC output level to a proportional firing angle at every main line half cycle. The calibration of pulse duration. The repetition of the pulse if the triac fails to latch on if the current has been interrupted by brush bounce. The delay of firing pulse until the current crosses zero at wide firing angles and inductive loads.
RPin 15 programs the Pin 14 discharging current. Saw tooth signal is then fully determined by R15 and C14 (usually 47 nF). Firing pulse duration and repetition period are in inverse ratio to the saw tooth slope.
APPLICATION NOTES (Refer to Figure 4)
Printed Circuit Layout Rules In the common applications, where TDA 1085C is used, there is on the same board, presence of high voltage, high currents as well as low voltage signals where millivolts count. It is of first magnitude importance to separate them from each other and to respect the following rules: the integrated circuit (which occurs if VPin 12 reaches 5.5 V). It must be also verified that the Pin 12 signal is approximately balanced between "high" (over 300 mV) and "low". An 8-poles tacho is a minimum for low speed stability and a 16-poles is even better. The RC pole of the tacho circuit should be chosen within 30 Hz in order to be as far as possible from the 150 Hz which corresponds to the AC line 3rd harmonic generated by the motor during starting procedure. In addition, a high value resistor coming from VCC introduces a positive offset at Pin 12, removes noise to be interpreted as a tacho signal. This offset should be designed in order to let Pin 12 reach at least - 200 mV (negative voltage) at the lowest motor speed. We remember the necessity of an individual tacho ground connection. Frequency to Voltage Converter - F V/C CPin 11 has a recommended value of 820 pF for 8-poles tachos and maximum motor rpm of 15000, and RPin 11 must be always 470 K. RPin 4 should be choosen to deliver within 12 V at maximum motor speed in order to maximize signal/noise ratio. As the FV/C ratio as well as the CPin 11 value are dispersed, RPin 4 must be adjustable and should be made of a fixed resistor in serice with a trimmer representing 25% of the total. Adjustment would become easier. Once adjusted, for instance at maximum motor speed, the FV/C presents a residual non linearity; the conversion factor (mV per RPM) increases by within 7.7% as speed draws to zero. The guaranteed dispersion of the latter being very narrow, a maximum 1% speed error is guaranteed if during Pin 5 network design the small set values are modified, once forever, according this increase. The following formulas give VPin 4:
* *
Capacitor decoupling pins, which are the inputs of the same comparator, must be physically close to the IC, close to each other and grounded in the same point. Ground connection for tachogenerator must be directly connected to Pin 8 and should ground only the tacho. In effect, the latter is a first magnitude noise generator due to its proximity to the motor which induces high d/dt signals. The ground pattern must be in the "star style" in order to fully eliminate power currents flowing in the ground network devoted to capacitors decoupling sensitive Pins: 4, 5, 7, 11, 12, 14, 16.
*
As an example, Figure 5 presents a PC board pattern which concerns the group of sensitive Pins and their associated capacitors into which the a.m. rules have been implemented. Notice the full separation of "Signal World" from "Power", one by line AB and their communication by a unique strip. These rules will lead to much satisfactory volume production in the sense that speed adjustment will stay valid in the entire speed range. Power Supply As dropping resistor dissipates noticeable power, it is necessary to reduce the ICC needs down to a minimum. Triggering pulses, if a certain number of repetitions are kept in reserve to cope with motor brush wearing at the end of its life, are the largest ICC user. Classical worst case configuration has to be considered to select dropping resistor. In addition, the parallel regulator must be always into its dynamic range, i.e., IPin 10 over 1.0 mA and VPin 10 over 3.0 V in any extreme configuration. The double filtering cell is mandatory. Tachogenerator Circuit The tacho signal voltage is proportional to the motor speed. Stablility considerations, in addition, require an RC filter, the pole of which must be looked at. The combination of both elements yield a constant amplitude signal on Pin 12 in most of the speed range. It is recommended to verify this maximum amplitude to be within 1.0 V peak in order to have the largest signal/noise ratio without resetting
V
Pin 4
+ G.0 @ (VCC-Va) @ CPin 11 @ R4 @ f @
'
(1
) R120k )
Pin11
1
In volts.
G.0 . (VCC - Va) 140 Va = 2.0 VBE 120 k = Rint, on Pin 11 Speed Set - (Pin 5) Upon designer choice, a set of external resistors apply a series of various voltages corresponding to the various motor speeds. When switching external resistors, verify that no voltage below 80 mV is ever applied to Pin 5. If so, a full circuit reset will occur.
MOTOROLA ANALOG IC DEVICE DATA
5
TDA1085C
Ramps Generator - (Pin 6) If only a high acceleration ramp is needed, connect Pin 6 to ground. When a Distribute ramp should occur, preset a voltage on Pin 6 which corresponds to the motor speed starting ramp point. Distribution (or low ramp) will continue up to the moment the motor speed would have reached twice the starting value. The ratio of two is imposed by the IC. Nevertheless, it could be externally changed downwards (Figure 6) or upwards (Figure 7). The distribution ramp can be shortened by an external resistor from VCC charging CPin 7, adding its current to the internal 5.0 A generator. Power Circuits Triac Triggering pulse amplitude must be determined by Pin 13 resistor according to the needs in Quadrant IV. Trigger pulse duration can be disturbed by noise signals generated by the triac itself, which interfere within Pins 14 and 16, precisely those which determine it. While easily visible, this effect is harmless. The triac must be protected from high AC line dV/dt during external disturbances by 100 nF x 100 network. Shunt resistor must be as non-inductive as possible. It can be made locally by using constantan alloy wire. When the load is a DC fed universal motor through a rectifier bridge, the triac must be protected from commutating dV/dt by a 1.0 to 2.0 mH coil in series with MT2. Synchronization functions are performed by resistors sensing AC line and triac conduction. 820 k values are normal but could be reduced down to 330 k in order to detect the "zeros" with accuracy and to reduce the residual DC line component below 20 mA. Current Limitation The current limiter starts to discharge Pin 7 capacitor (reference speed) as the motor current reaches the designed threshold level. The loop gain is determined by the resistor connecting Pin 3 to the series shunt. Experience has shown that its optimal value for a 10 Arms limitation is within 2.0 k. Pin 3 input has a sensitivity in current which is limited to reasonable values and should not react to spikes. If not used, Pin 3 must be connected to a maximum positive voltage of 5.0 V rather than be left open. Loop Stability The Pin 16 network is predominant and must be adjusted experimentally during module development. The values indicated in Figure 4 are typical for washing machine applications but accept large modifications from one model to another. R16 (the sole restriction) should not go below 33 k, otherwise slew rate limitation will cause large transient errors for load steps.
Figure 2. Acceleration Ramp
Figure 3. Programmable Double Acceleration Ramp
V VPin 5 Speeds
VPin 5 fixed set value VPin 4 VPin 7 High Acceleration Ramp VDF VDS t 0 0 VPin 6 = VDS VDF = 2 VDS t Distribution Low Acceleration Ramp High Acceleration Ramp
6
MOTOROLA ANALOG IC DEVICE DATA
100 680 270 R7 1500 k R15 R10 R4 C11 Speed 1.0 2 820 k +VCC 5 47 k 68 k 6 TDA1085C 1 820 k 100 120 13 C7 7 470 4 12 8 16 1.0 47 150 k C16 100n R16 68 k C14 47n R3 2.7 k 14 3 100n 1.0 R2 11 15 9 10 820 pF R1 R11 470 k 6.8 k 1N4007
100
Ramp
MOTOROLA ANALOG IC DEVICE DATA M
50 k 22 k 220n Shunt 50 m
Motor Speed Range: 0 to 15,000 rpm Tachogenerator 8 poles delivering 30 V peak to peak at 6000 rpm, in open circuit FV/C Factor: 8 mV per rpm (12 V full speed) CPin 11 = 680 pF V CC = 15.3 V Triac MAX15A-8 15 A 600 V Igt min = 90 mA to cover Quad IV at -10C Pin 5 Voltage Set: 609 mV Including nonlinearity corrections 996 mV Including nonlinearity corrections 5,912 V Including nonlinearity corrections 12,000 V Adjustment point
Speed/Ramp Selector Resistive Network
TDA1085C
Figure 4. Basic Application Circuit
Tacho Generator
Current limitation: 10 A adjusted by R4 experimentally
Ramps High acceleration: 3200 rpm per second
Distribution ramp: 10 s from 850 to 1300 rpm
7
Speeds: Wash 800 rpm Distribution 1300 Spin 1: 7500 Spin 2: 15,000
8
VCC A MT2 MT1 100 nF +VCC 1 2 3 4 5 6 7 8 1.0 F 16 270 k 15 47 nF 14 13 12 470 k 11 10 820 pF 9 VCC 120
TDA1085C
Figure 5. PC Board Layout
Ground Connection 0.22 F
470 F
MOTOROLA ANALOG IC DEVICE DATA
B
TDA1085C
Figure 6. Distribution Speed k < 2
For k = 1.6, R3 = 0.6 (R1 + R2), R3 C within 4 seconds V VCC Spin 1 (defined by R5/R4 + R5)
R3 Distribute and Spin 1 Contact R2
C R4 Pin 5 Pin 6
2VPin 6
0
2VPin 6t
VPin 6 R5
0 k<2
VPin 6t
R1
t
Figure 7. Distribution Speed k > 2
V VCC Spin 1
SD + S1
Pin 6 2VPin 6 0 Pin 5 VPin 6 0 k>2
2VPin 6t
VPin 6t
t
MOTOROLA ANALOG IC DEVICE DATA
9
10
3 -VCC 0.7 V I6 25 A 5.0 A MONITORING IF* 4 11 12 10 0.6 V I7 5.7 V +VCC 5.0 A I2 "ON" for Ip2 = 0 + 80 mV + R1 1.2 mA R1=R2 I1 0.7 V - - + I3 Enable for Ip1 # 0 1.2 mA 0.7 V
8
9
TDA1085C
Figure 8. Simplified Schematic
R2 -VCC
I5
13
15
14
1
2
16
6
7
5
MOTOROLA ANALOG IC DEVICE DATA
*(P12 connected) and (VCCOK) and (VP5>80 mV) Then ( I1 OFF), ( I2 OFF), ( I4 OFF) and ( I5 OFF)
TDA1085C
OUTLINE DIMENSIONS
PLASTIC PACKAGE CASE 648-08 ISSUE R -A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
-A-
D SUFFIX PLASTIC PACKAGE CASE 751B-05 ISSUE J (SO-16)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
16
9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
DIM A B C D F G J K M P R
MOTOROLA ANALOG IC DEVICE DATA
11
TDA1085C
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
12
*TDA1085C/D*
MOTOROLA ANALOG IC DEVICE DATA TDA1085C/D


▲Up To Search▲   

 
Price & Availability of TDA1085

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X